Part Number Hot Search : 
7410DC ZMM12HCB 6039039 SRM20256 6UK30 MB15F03 PST3125 EPS13
Product Description
Full Text Search
 

To Download 0930-0-15-20-75-14-11-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR E CI
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
M
ON S I CHI A
PINS
NED
0906-0
.0195 .039
0906-14
Basic Part Number Length A
0930
0906-1 0906-2 0906-3 0906-4 .177 .197 .217 .236
0906-0-15-20-76-14-11-0
Short Stroke Solder mount in .018 min. mounting hole
0906-X-15-20-75-14-11-0
Standard Stroke Solder mount in .018 min. mounting hole
0930-0-15-20-75-14-11-0
Standard Stroke Solder Mount in .018 min. mounting hole
0914
MID STROKE MAX STROKE
0932
0908-09
.0275
MID STROKE
Basic Part Number
MAX STROKE
Length A
.042 DIA.
.055
.059 DIA.
.198
A .016 .028
.064 DIA. .072 DIA. .017 DIA.
.069
0908-0 0908-1 0908-2 0908-3 0908-4 0908-5 0908-6 0908-7 0908-8 0908-9
.255 .275 .295 .315 .335 .350 .370 .390 .410 .430
0914-0-15-20-77-14-11-0
0932-0-15-20-77-14-11-0
0908-X-15-20-75-14-11-0
Standard Stroke Solder mount in .018 min. mounting hole
Long Stroke Long Stroke Solder mount in .027 min. mounting hole Solder Mount in .027 min. mounting hole
0901
0929
0922
MID STROKE MAX STROKE
0980
0901-0-00-00-00-00-11-0
0929-0-15-20-75-14-11-0
0922-0-15-20-75-14-11-0
Standard Stroke Solder mount in .027 min. mounting hole
0980-0-15-20-75-14-11-0
Double action, *.055 Combined Stroke Mount between parallel circuit boards
Standard Stroke Standard Stroke Solder mount in .027 min. mounting hole Solder Mount in .027 min. mounting Hole
ORDER CODE: 09XX - X - 15 - 20 - 7X - 14 - 11 - 0
Spring Number
MATERIAL SPECIFICATIONS:
SLEEVE & PLUNGER MATERIAL: Copper Alloy SPRING MATERIAL: Beryllium Copper SLEEVE & PLUNGER FINISH: 20 " Gold over Nickel SPRING FINISH: 10 " Gold over Nickel DIMENSION IN INCHES: TOLERANCES ON: LENGTHS: .006 DIAMETERS: .002 ANGLES: 2
MECHANICAL & ELECTRICAL SPECIFICATIONS:
DURABILITY: 1,000,000 cycles CURRENT RATING: 2A continuous, 3A peak CONTACT RESISTANCE: 20 m max. SPRING NUMBER Mid. STROKE Max. STROKE FORCE @ Mid. Stroke Initial Force (Pre-load)
2002/95/EC
RoHS
75 76 77
.0275 .0195 .045
.055 .039 .090
60 g 60 g 60 g
25 g 25 g 25 g
75, 76, 77 Springs are not Interchangeable
w w w. m i l l - m a x . c o m
16
516-922-6000


▲Up To Search▲   

 
Price & Availability of 0930-0-15-20-75-14-11-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X